PART |
Description |
Maker |
BL-B3141 BL-B2441 BL-B2141 BL-BX1341 BL-B1121 BL-B |
High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SOIC -55 to 125 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Inverting Flip-Flops with 3-State Outputs 20-PDIP -55 to 125 标准LED节能灯(圆形类型 STANDARD LED LAMPS(ROUND TYPES) 标准LED节能灯(圆形类型 High Speed CMOS Logic Octal Positive-Edge-Triggered D-Type Flip-Flops with 3-State Outputs 20-TSSOP -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Octal Inverting Buffers and Line Drivers with 3-State Outputs 20-PDIP -55 to 125 TBF 5C 5#16S PIN SKT RECP High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125
|
?╁??′唤?????? Yellow Stone, Corp. 早安股份有限公司 YSTONE[Yellow Stone Corp]
|
BC846W BC847CW BC849W BC850W BC847BW BC848BW BC848 |
High Speed CMOS Logic Inverting Octal Buffer/Line Drivers with 3-State Outputs 20-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 SURFACE MOUNT SI-EPITAXIAL PLANARTRANSISTORS
|
Infineon Technologies AG Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
C501 Q67127-C970 SAB-C501G-L40P SAB-C501G-L40N Q67 |
High Speed CMOS Logic 8-Input Multiplexer/Register with 3-State Outputs 20-PDIP -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Quad 2-Input OR Gates 14-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 8位CMOS微控制器 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 8位CMOS微控制器 8-Bit CMOS Microcontroller 8位CMOS微控制器 8-Bit CMOS Microcontroller 8-BIT, 40 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 8-Bit CMOS Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC44 High Speed CMOS Logic Triple 3-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Addressable Latch 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Inverting 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic Hex Buffers/Line Drivers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125
|
Infineon Technologies A... Infineon Technologies AG SIEMENS AG
|
ICE2A0XXX Q67040-S4542 Q67040-S4546 Q67040-S4541 Q |
High Speed CMOS Logic Hex Non-Inverting Buffers 16-SOIC -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-PDIP -55 to 125 High Speed CMOS Logic Hex Inverting Buffers 16-SO -55 to 125 High Speed CMOS Logic Hex Non-Inverting Buffers 16-SO -55 to 125 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 离线式开关电源电流模式控制器,集成了650V / 800V的的CoolMOS
|
Infineon Technologies AG
|
SMBJ26A SMBJ7.5 SMBJ28 SMBJ8.5 SMBJ24C SMBJ22C SMB |
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets 16-CDIP -55 to 125 CMOS Strobed Hex Inverter/Buffer with 3-State Outputs 16-SO -55 to 125 High Speed CMOS Logic Octal Inverting Transparent Latch with 3-State Outputs 20-CDIP -55 to 125 High Speed CMOS Logic Analog Multiplexers/Demultiplexers 16-CDIP -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-CDIP -55 to 125 High Speed CMOS Logic Dual Binary Up-Counter 16-CDIP -55 to 125 CMOS Dual Binary Up-Counter 16-CDIP -55 to 125 Replaced by VFC320 : Synchronized Voltage-To-Frequency Converter 16-CDIP 12-bit, 25 MSPS 1-Channel AFE for CCD Sensors with Fixed TG 96-BGA MICROSTAR JUNIOR Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA CMOS Presettable BCD Up/Down Counter 16-TSSOP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA Octal D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125
|
Micro Commercial Compon... http:// Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
SMB SMBG16 SMBJ85 SMBJ58 SMBJ54 SMBJ110 SMBG150 SM |
UNI- AMD BI-DIRECTIONAL SURFACE MOUNT From old datasheet system High Speed CMOS Logic 4-by-4 Register File 16-CDIP -55 to 125 Crimp Socket Contact; Wire Size (AWG):18-24; Contact Material:Brass; Contact Plating:Gold; Contact Termination:Crimp CANMS3470L14-5PL/C High Speed CMOS Logic Octal Transparent Latches with 3-State Output 20-CDIP -55 to 125 CANMS3470L24-19SL/C High Speed CMOS Logic Non-Inverting Hex Buffer/Line Driver with 3-State Outputs 16-CDIP -55 to 125 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 联康AMD公司的双向表面贴 High Speed CMOS Logic Octal D-Type Flip-Flops with Data Enable 20-CDIP -55 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA PV SERIES 联康AMD公司的双向表面贴 UNI- AMD BI-DIRECTIONAL SURFACE MOUNT 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-215AA SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE EIC discrete Semiconductors
|
BC858W BC860W BC846W BC847CW BC847BW BC848BW BC848 |
Low-Noise-Transistors - SOT323 package High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 NPN Silicon AF Transistors NPN AF硅晶体管 High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN硅晶体管自动对焦 High Speed CMOS Logic Quad 2-Input Multiplexers 16-SOIC -55 to 125 NPN硅晶体管自动对焦
|
INFINEON[Infineon Technologies AG]
|
BC857B-7 BC857A-7 BC858B-7 BC856B-7 BC857C-7 BC858 |
High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 14-Stage Binary Counter 16-SOIC -55 to 125 PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
|
Diodes Inc. DIODES[Diodes Incorporated]
|
Q67120-D Q67120-C2274 |
High Speed CMOS Logic Hex Non-Inverting Buffers/Line Drivers with 3-State Outputs 16-SOIC -55 to 125 High Speed CMOS Logic 9-Bit Odd/Even Parity Generator/Checker 14-SOIC -55 to 125
|
Infineon Technologies AG
|